전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PE15A1042 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE15A1042
상세설명  TECHNICAL DATA SHEET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A1042 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE15A1042 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A1042 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A1042 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A1042 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A1042 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A1042 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE15A1042 is a low noise RF coaxial amplifier operating in the 50 MHz to 2 GHz frequency range. The amplifier offers
1.8 dB typical noise figure, 22 dBm typical P1dB and 27 dB typ small signal gain. This performance is achieved through the
use of hybrid MIC design and advanced SiGe Bipolar devices. The amplifier desing input/output ports are internally matched
to 50 ohms and are DC blocked. The low noise amplifier requires typically a +12V DC power supply. The connectorized
SMA module is unconditionally stable and includes built-in voltage regulation. This low noise amplifier requires only a single
positive supply, is unconditionally stable and operates over the temperature range of -40°C and +85°C.
Features
• 50 MHz to 2 GHz Frequency Range
• P1dB: 22 dBm
• Small Signal Gain: 27 dB typical
• Noise Figure: 1.8 dB typ
• 50 Ohm Input and Output Matched
• -40 to 85°C Operating Temperature
• Unconditionally Stable
• Single DC Positive Supply
• Built-in Voltage Regulator
Applications
• Laboratory Applications
• R&D Labs
• Radar Systems
• Telecom Infrastructure
• Test Instrumentation
• Communication Systems
• Wireless Communication
• Microwave Radio Systems
• Cellular Base Stations
• Low Noise Amplifier
• General Purpose Amplification
• General Purpose Wireless
• Wideband Gain Block
• IF Amplifier/RF Driver Amplifier
• RF Wideband Front Ends
• RF Pre-amplification
• Fixed and Land Mobile
Electrical Specifications (TA = +25°C, DC Voltage = 12Vdc, DC Current = 160mA)
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.05
2
GHz
Small Signal Gain
25
27
29
dB
Gain Flatness
±0.75
±1
dB
Gain Variance at OTR*
±1
dB
Output at 1 dB Compression Point
+20
+22
dBm
Output 3rd Intercept Point
+34
+37
dBm
Noise Figure
1.8
2
dB
Input VSWR
1.5:1
1.8:1
Output VSWR
1.5:1
1.8:1
Spurious
-60
dBc
Input Power (CW)
+20
dBm
Operating DC Voltage
10.5
12
13.5
Volts
Operating DC Current
140
160
190
mA
Operating Temperature Range
-40
+85
°C
. .
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 37 dBm IP3, 1.8 dB NF, 22 dBm P1dB, 50 MHz to 2 GHz, Low Noise Amplifier, 27 dB Gain,
SMA PE15A1042
PE15A1042
PE15A1042 REV 1.0
37 dBm IP3, 1.8 dB NF, 22 dBm P1dB, 50 MHz to
2 GHz, Low Noise Amplifier, 27 dB Gain, SMA


유사한 부품 번호 - PE15A1042

제조업체부품명데이터시트상세설명
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE15A1040 PASTERNACK-PE15A1040 Datasheet
466Kb / 6P
   TECHNICAL DATA SHEET
More results

유사한 설명 - PE15A1042

제조업체부품명데이터시트상세설명
Everlight Electronics Co., Ltd
Everlight Electronics C...
EAHP5630RA0 EVERLIGHT-EAHP5630RA0 Datasheet
339Kb / 11P
   Technical Data Sheet
EAHP5630GA0 EVERLIGHT-EAHP5630GA0 Datasheet
352Kb / 11P
   Technical Data Sheet
Pasternack Enterprises, Inc.
Pasternack Enterprises,...
PE83IR1002 PASTERNACK-PE83IR1002 Datasheet
391Kb / 5P
   TECHNICAL DATA SHEET
PE83IR1017 PASTERNACK-PE83IR1017 Datasheet
393Kb / 5P
   TECHNICAL DATA SHEET
PE87FL1018 PASTERNACK-PE87FL1018 Datasheet
521Kb / 4P
   TECHNICAL DATA SHEET
PE87FL1019 PASTERNACK-PE87FL1019 Datasheet
522Kb / 4P
   TECHNICAL DATA SHEET
PE15A3036 PASTERNACK-PE15A3036 Datasheet
871Kb / 8P
   TECHNICAL DATA SHEET
PE15A3038 PASTERNACK-PE15A3038 Datasheet
547Kb / 8P
   TECHNICAL DATA SHEET
PE15A1033 PASTERNACK-PE15A1033 Datasheet
598Kb / 7P
   TECHNICAL DATA SHEET
PE15A1039 PASTERNACK-PE15A1039 Datasheet
467Kb / 6P
   TECHNICAL DATA SHEET
More results


Html Pages

1  2  3  4  5  6 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com