전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1274 데이터시트(PDF) 9 Page - Microchip Technology

부품명 TC1274
상세설명  3-Pin Reset Monitors for 5V Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1274 데이터시트(HTML) 9 Page - Microchip Technology

Back Button TC1274 Datasheet HTML 4Page - Microchip Technology TC1274 Datasheet HTML 5Page - Microchip Technology TC1274 Datasheet HTML 6Page - Microchip Technology TC1274 Datasheet HTML 7Page - Microchip Technology TC1274 Datasheet HTML 8Page - Microchip Technology TC1274 Datasheet HTML 9Page - Microchip Technology TC1274 Datasheet HTML 10Page - Microchip Technology TC1274 Datasheet HTML 11Page - Microchip Technology TC1274 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 2003 Microchip Technology Inc.
DS21382B-page9
TC1272/TC1273/TC1274
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TC1272:
3-Pin Reset Monitor - Complementary
TC1273:
3-Pin Reset Monitor - Open Drain
TC1274:
3-Pin Reset Monitor - Complementary
Reset VCC
Threshold Voltage
5
= 4.62V
10
= 4.37V
15
= 4.12V
Temperature Range:
E
= -40°C to +85°C
Package:
NB = Plastic Small Outline Transistor (SOT-23), 3-lead
Examples:
a)
TC1272-10ENBTR: 4.37V Reset
b)
TC1272-15ENBTR: 4.12V Reset
c)
TC1272-5ENBTR:
4.62V Reset
a)
TC1273-10ENBTR: 4.37V Reset
b)
TC1273-15ENBTR: 4.12V Reset
c)
TC1273-5ENBTR:
4.62V Reset
a)
TC1274-10ENBTR: 4.37V Reset
b)
TC1274-15ENBTR: 4.12V Reset
c)
TC1274-5ENBTR:
4.62V Reset
XX
Reset VCC
Threshold


유사한 부품 번호 - TC1274

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
   4-Pin 關P Reset Monitors
2002
TC1270 MICROCHIP-TC1270 Datasheet
674Kb / 14P
   4-Pin Reset Monitors
2007
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ALBVCTTR MICROCHIP-TC1270ALBVCTTR Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
More results

유사한 설명 - TC1274

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1275 MICROCHIP-TC1275 Datasheet
457Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
05/01/02
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com