전자부품 데이터시트 검색엔진 |
|
TC74ACT245FT 데이터시트(PDF) 3 Page - Toshiba Semiconductor |
|
TC74ACT245FT 데이터시트(HTML) 3 Page - Toshiba Semiconductor |
3 / 11 page TC51WHM516AXBN65,70 2002-08-22 3/11 ABSOLUTE MAXIMUM RATINGS (See Note 1) SYMBOL RATING VALUE UNIT VDD Power Supply Voltage −1.0 to 3.6 V VIN Input Voltage −1.0 to 3.6 V VOUT Output Voltage −1.0 to 3.6 V Topr. Operating Temperature −25 to 85 °C Tstrg. Storage Temperature −55 to 150 °C Tsolder Soldering Temperature (10 s) 260 °C PD Power Dissipation 0.6 W IOUT Short Circuit Output Current 50 mA DC RECOMMENDED OPERATING CONDITIONS (Ta ==== −−−−25°C to 85°C) SYMBOL PARAMETER MIN TYP. MAX UNIT VDD Power Supply Voltage 2.6 2.75 3.3 VIH Input High Voltage 2.0 VDD + 0.3* VIL Input Low Voltage −0.3* 0.4 V * : VIH(Max) VDD+1.0 V with 10 ns pulse width VIL(Min) -1.0 V with 10 ns pulse width DC CHARACTERISTICS (Ta ==== −−−−25°C to 85°C, VDD ==== 2.6 to 3.3 V) (See Note 3 to 4) SYMBOL PARAMETER TEST CONDITION MIN TYP. MAX UNIT IIL Input Leakage Current VIN = 0 V to VDD −1.0 +1.0 µA ILO Output Leakage Current Output disable, VOUT = 0 V to VDD −1.0 +1.0 µA VOH Output High Voltage IOH = − 0.5 mA 2.0 V VOL Output Low Voltage IOL = 1.0 mA 0.4 V IDDO1 Operating Current CE1 = VIL CE2 = VIH, IOUT = 0 mA tRC = min 40 mA IDDO2 Page Access Operating Current CE1 = VIL, CE2 = VIH, Page add. cycling, IOUT = 0 mA tPC = min 25 mA IDDS Standby Current(MOS) CE1 = VDD − 0.2 V, CE2 = VDD − 0.2 V 70 µA IDDSD Deep Power-down Standby Current CE2 = 0.2 V 5 µA CAPACITANCE (Ta ==== 25°C, f ==== 1 MHz) SYMBOL PARAMETER TEST CONDITION MAX UNIT CIN Input Capacitance VIN = GND 10 pF COUT Output Capacitance VOUT = GND 10 pF Note: This parameter is sampled periodically and is not 100% tested. |
유사한 부품 번호 - TC74ACT245FT |
|
유사한 설명 - TC74ACT245FT |