전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESZ336M450AH4AA 데이터시트(PDF) 4 Page - Kemet Corporation

부품명 ESZ336M450AH4AA
상세설명  Single-Ended Aluminum Electrolytic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESZ336M450AH4AA 데이터시트(HTML) 4 Page - Kemet Corporation

  ESZ336M450AH4AA Datasheet HTML 1Page - Kemet Corporation ESZ336M450AH4AA Datasheet HTML 2Page - Kemet Corporation ESZ336M450AH4AA Datasheet HTML 3Page - Kemet Corporation ESZ336M450AH4AA Datasheet HTML 4Page - Kemet Corporation ESZ336M450AH4AA Datasheet HTML 5Page - Kemet Corporation ESZ336M450AH4AA Datasheet HTML 6Page - Kemet Corporation ESZ336M450AH4AA Datasheet HTML 7Page - Kemet Corporation ESZ336M450AH4AA Datasheet HTML 8Page - Kemet Corporation ESZ336M450AH4AA Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
A4062_ESZ • 1/27/2017
Single-Ended Aluminum Electrolytic Capacitors – ESZ Series, +105°C
Performance Characteristics
Item
Performance Characteristics
Capacitance Range
3.3 – 330 µF
Capacitance Tolerance
±20% at 120 Hz/20°C
Rated Voltage
160 – 400 VDC
450 VDC
Life Test
8,000 – 10,000 hours (see conditions in Test Methods & Performance)
Operating Temperature
−40°C to +105°C
−25°C to +105°C
Leakage Current
I ≤ 0.04 CV +100 µA
C = rated capacitance (µF), V = rated voltage (VDC). Voltage applied for 2 minutes at 20°C.
Impedance Z Characteristics at 120 Hz
Rated Voltage (VDC)
160
200
400
450
Z (−25°C)/Z (20°C)
3
3
5
6
Z (−40°C)/Z (20°C)
6
6
6
-
Compensation Factor of Ripple Current (RC) vs. Frequency
Rated Voltage (VDC)
120 Hz
1 kHz
10 kHz
100 kHz
Coefficient
1.00
1.60
1.80
2.00
Test Method & Performance
Conditions
Load Life Test
Shelf Life Test
Temperature
105°C
105°C
Test Duration
Can Ø = 10.0 mm
8,000 hours
1,000 hours
Can Ø ≥ 12.5 mm
10,000 hours
Ripple Current
Maximum ripple current specified at 100 kHz 105°C
No ripple current applied
Voltage
The sum of DC voltage and the peak AC voltage must not exceed
the rated voltage of the capacitor
No voltage applied
Performance
The following specifications will be satisfied when the capacitor is restored to 20°C:
Capacitance Change
Within ±20% of the initial value
Dissipation Factor
Does not exceed 200% of the specified value
Leakage Current
Does not exceed specified value


유사한 설명 - ESZ336M450AH4AA

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
ESL106M016AC3AA KEMET-ESL106M016AC3AA Datasheet
4Mb / 26P
   Single-Ended Aluminum Electrolytic Capacitors
ESU336M160AH8AA KEMET-ESU336M160AH8AA Datasheet
4Mb / 19P
   Single-Ended Aluminum Electrolytic Capacitors
ETA157M6R3AC3AA KEMET-ETA157M6R3AC3AA Datasheet
4Mb / 21P
   Single-Ended Aluminum Electrolytic Capacitors
logo
TDK Electronics
B41863 TDK-B41863 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
B41888 TDK-B41888 Datasheet
544Kb / 32P
   Aluminum electrolytic capacitors Single-ended capacitors
B42824 TDK-B42824 Datasheet
416Kb / 21P
   Aluminum electrolytic capacitors Single-ended capacitors
B43896 TDK-B43896 Datasheet
468Kb / 25P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
EPCOS
B41851A7477M EPCOS-B41851A7477M Datasheet
725Kb / 37P
   Aluminum electrolytic capacitors Single-ended capacitors
B43821F2336M EPCOS-B43821F2336M Datasheet
713Kb / 36P
   Aluminum electrolytic capacitors Single-ended capacitors
logo
TDK Electronics
B41859 TDK-B41859 Datasheet
519Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com