전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7190 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD7190
상세설명  4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7190 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD7190_17 Datasheet HTML 6Page - Analog Devices AD7190_17 Datasheet HTML 7Page - Analog Devices AD7190_17 Datasheet HTML 8Page - Analog Devices AD7190_17 Datasheet HTML 9Page - Analog Devices AD7190_17 Datasheet HTML 10Page - Analog Devices AD7190_17 Datasheet HTML 11Page - Analog Devices AD7190_17 Datasheet HTML 12Page - Analog Devices AD7190_17 Datasheet HTML 13Page - Analog Devices AD7190_17 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Data Sheet
AD7190
Rev. C | Page 9 of 40
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDD to AGND
−0.3 V to +6.5 V
DVDD to AGND
−0.3 V to +6.5 V
AGND to DGND
−0.3 V to +0.3 V
Analog Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Reference Input Voltage to AGND
−0.3 V to AVDD + 0.3 V
Digital Input Voltage to DGND
−0.3 V to DVDD + 0.3 V
Digital Output Voltage to DGND
−0.3 V to DVDD + 0.3 V
AIN/Digital Input Current
10 mA
Operating Temperature Range
−40°C to +105°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Lead Temperature, Soldering
Reflow
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
24-Lead TSSOP
128
42
°C/W
ESD CAUTION


유사한 부품 번호 - AD7190_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7190BRUZ AD-AD7190BRUZ Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190BRUZ-REEL AD-AD7190BRUZ-REEL Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
More results

유사한 설명 - AD7190_17

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7192 AD-AD7192 Datasheet
711Kb / 40P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
   4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7193 AD-AD7193 Datasheet
767Kb / 56P
   4-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD7194 AD-AD7194 Datasheet
1,002Kb / 56P
   8-Channel, 4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7195 AD-AD7195_15 Datasheet
546Kb / 45P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
AD7195 AD-AD7195 Datasheet
662Kb / 44P
   4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA and AC Excitation
REV. 0
AD7190 AD-AD7190 Datasheet
178Kb / 21P
   4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
logo
Intersil Corporation
ISL26102AVZ INTERSIL-ISL26102AVZ Datasheet
909Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
October 12, 2012
logo
Renesas Technology Corp
ISL26132 RENESAS-ISL26132 Datasheet
1Mb / 23P
   Low-Noise 24-bit Delta Sigma ADC
logo
Intersil Corporation
ISL26102 INTERSIL-ISL26102 Datasheet
911Kb / 21P
   Low-Noise 24-bit Delta Sigma ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com