전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7984BCPZ-RL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7984BCPZ-RL
상세설명  18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7984BCPZ-RL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7984BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7984BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7984BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7984BCPZ-RL Datasheet HTML 10Page - Analog Devices AD7984BCPZ-RL Datasheet HTML 11Page - Analog Devices AD7984BCPZ-RL Datasheet HTML 12Page - Analog Devices AD7984BCPZ-RL Datasheet HTML 13Page - Analog Devices AD7984BCPZ-RL Datasheet HTML 14Page - Analog Devices AD7984BCPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
AD7984
Data Sheet
Figure 18. Operating Currents vs. Supply
Figure 19. Standby Currents vs. Temperature
Figure 20. Operating Currents vs. Temperature
2.5
0
2.375
2.625
VDD VOLTAGE (V)
2.0
1.5
1.0
0.5
2.425
2.475
2.525
2.575
IVDD
IREF
IVIO
1.5
0.5
–55
125
TEMPERATURE (°C)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–35
–15
5
25
45
65
85
105
IVDD + IVIO
2.5
0
–55
125
TEMPERATURE (°C)
–35
–15
5
25
45
65
85
105
2.0
1.5
1.0
0.5
IVDD
IREF
IVIO
Rev. B | Page 10 of 24


유사한 부품 번호 - AD7984BCPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7984BCPZ-RL AD-AD7984BCPZ-RL Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7984BCPZ-RL7 AD-AD7984BCPZ-RL7 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
More results

유사한 설명 - AD7984BCPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7984 AD-AD7984 Datasheet
722Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/QFN
REV. 0
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7983 AD-AD7983 Datasheet
612Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. 0
AD7983 AD-AD7983_17 Datasheet
584Kb / 25P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
AD7983 AD-AD7983_15 Datasheet
512Kb / 24P
   16-Bit, 1.33 MSPS PulSAR ADC in MSOP/QFN
REV. B
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7986BCPZ AD-AD7986BCPZ Datasheet
472Kb / 28P
   18-Bit, 2 MSPS PulSAR 15 mW ADC in LFCSP (QFN)
REV. B
AD7982BRMZ AD-AD7982BRMZ Datasheet
672Kb / 24P
   18-Bit, 1 MSPS PulSAR 7.0 mW ADC in MSOP/QFN
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com