전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB05S 데이터시트(PDF) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

부품명 LB05S
상세설명  MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
홈페이지  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.

LB05S 데이터시트(HTML) 1 Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

  LB05S Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. LB05S Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LB05S THRU LB10S
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
REVERSE VOLTAGE: 50 to 1000 VOLTS
FORWARD CURRENT: 0.5 AMPERE
FEATURES
· Surge overload rating: 30 amperes peak
LBXS
· Ideal for printed circuit board
· Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
· Low leakage
· Reliable low cost construction utilizing molded
MECHANICAL DATA
Case: Molded plastic, LBXS
Epoxy: UL 94V-O rate flame retardant
Terminals: Leads solderable per MIL-STD-202,
method 208 guaranteed
Mounting position: Any
Weight: 0.00528ounce, 0.134gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
LB05S
LB1S
LB2S
LB4S
LB6S
LB8S
LB10S
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
(see Fig. 1)
on glass-epoxy P.C.B (Note 2)
on aluminum substrate (Note 3)
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage
at 0.4A DC and 25℃
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=125℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 3)
RθJA
/W
Typical Thermal Resistance (Note 2)
RθJL
/W
Operating and Storage Temperature Range
TJ,Tstg
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- On glass epoxy P.C.B. mounted on 0.05 x 0.05" (1.3 x 1.3mm) pads
3- On aluminum substrate P.C.B. with an area of 0.8" x 0.8" (20 x 20mm) mounted on 0.05 x 0.05" (1.3 x 1.3mm) solder pad
-55 to +150
5.0
500
13
16
60
Dimensions in inches and (millimeters)
IFSM
VF
30
0.8
0.5
I(AV)
Amp
IR
Amp
Volts
uAmp
1.0


유사한 부품 번호 - LB05S

제조업체부품명데이터시트상세설명
logo
Microdiode Electronics ...
LB05S CHENDA-LB05S Datasheet
764Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results

유사한 설명 - LB05S

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 01-Feb-08
B2S VISHAY-B2S_13 Datasheet
93Kb / 4P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
Revision: 19-Aug-13
DF005SA VISHAY-DF005SA Datasheet
27Kb / 2P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
B2S VISHAY-B2S_V01 Datasheet
104Kb / 4P
   Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier
01-Jan-2022
logo
SEMTECH ELECTRONICS LTD...
MD1S SEMTECH_ELEC-MD1S Datasheet
250Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
DB101S GOOD-ARK-DB101S Datasheet
168Kb / 3P
   Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Shenzhen Yixinwei Techn...
MB05F YIXIN-MB05F Datasheet
322Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SHIKUES Electronics
S1ZB60 SKTECHNOLGY-S1ZB60 Datasheet
407Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com