전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE39456 데이터시트(PDF) 1 Page - Pasternack Enterprises, Inc.

부품명 PE39456
상세설명  SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PASTERNACK [Pasternack Enterprises, Inc.]
홈페이지  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39456 데이터시트(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39456_15 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39456_15 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39456_15 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39456_15 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly preformed
assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-rigid counterpart
and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable cable assemblies from
Pasternack do not require special tooling to shape or reshape the assemblies and can replace standard semi-rigid versions.
The assemblies are available with or without a FEP jacket and are RoHS compliant,
Features
• Dimensionally and electrically the same as standard,
solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require
special tools to bend
• May be formed more than once without damaging
the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
SMA Male Right Angle
Connector 2
N Female Bulkhead
Cable Type
PE-SR402FL
Electrical Specifications
Frequency Range
DC to 10 GHz
Impedance
50 Ohms
Velocity of Propagation
69.5 %
Group Delay
1.43 ns/ft [4.69 ns/m]
RF Shielding
100 dB
Performance by Frequency
Frequency 1
Frequency
500 MHz
Insertion Loss
0.259 dB/ft [0.85 dB/m]
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.319 dB/ft [1.05 dB/m]
Frequency 3
Frequency
2.5 GHz
Insertion Loss
0.379 dB/ft [1.24 dB/m]
Frequency 4
Frequency
5 GHz
Insertion Loss
0.48 dB/ft [1.57 dB/m]
Frequency 5
Frequency
10 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR-
402FL Coax, RoHS PE39456
PE39456 REV 1.1
PE39456
SMA Male Right Angle to N Female Bulkhead Semi-Flexible
Precision Cable Using PE-SR402FL Coax, RoHS


유사한 부품 번호 - PE39456_15

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE39456-12 PASTERNACK-PE39456-12 Datasheet
373Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FL Coax, RoHS
PE39456-18 PASTERNACK-PE39456-18 Datasheet
374Kb / 4P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable 18 Inch Length Using PE-SR402FL Coax, RoHS
More results

유사한 설명 - PE39456_15

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE39456 PASTERNACK-PE39456 Datasheet
338Kb / 3P
   SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39428 PASTERNACK-PE39428 Datasheet
339Kb / 3P
   SMA Male Right Angle to SMA Female Bulkhead Semi- Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39428 PASTERNACK-PE39428_15 Datasheet
373Kb / 4P
   SMA Male Right Angle to SMA Female Bulkhead Semi- Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39455 PASTERNACK-PE39455 Datasheet
336Kb / 3P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39455 PASTERNACK-PE39455_15 Datasheet
370Kb / 4P
   SMA Male to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39427 PASTERNACK-PE39427 Datasheet
337Kb / 3P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39427 PASTERNACK-PE39427_15 Datasheet
369Kb / 4P
   SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39483 PASTERNACK-PE39483 Datasheet
337Kb / 3P
   SMA Male to TNC Female Bulkhead Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39426 PASTERNACK-PE39426 Datasheet
335Kb / 3P
   SMA Male to SMA Female Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
PE39425 PASTERNACK-PE39425 Datasheet
335Kb / 3P
   SMA Male to SMA Male Right Angle Semi-Flexible Precision Cable Using PE-SR402FL Coax, RoHS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com