전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT9M114 데이터시트(PDF) 40 Page - ON Semiconductor

부품명 MT9M114
상세설명  High?륞efinition (HD) System?륮n?륾?륝hip (SOC) Digital Image Sensor
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M114 데이터시트(HTML) 40 Page - ON Semiconductor

Back Button MT9M114_1 Datasheet HTML 36Page - ON Semiconductor MT9M114_1 Datasheet HTML 37Page - ON Semiconductor MT9M114_1 Datasheet HTML 38Page - ON Semiconductor MT9M114_1 Datasheet HTML 39Page - ON Semiconductor MT9M114_1 Datasheet HTML 40Page - ON Semiconductor MT9M114_1 Datasheet HTML 41Page - ON Semiconductor MT9M114_1 Datasheet HTML 42Page - ON Semiconductor MT9M114_1 Datasheet HTML 43Page - ON Semiconductor MT9M114_1 Datasheet HTML 44Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
MT9M114
www.onsemi.com
40
Table 24. AC ELECTRICAL CHARACTERISTICS
(EXTCLK = 6–54 MHz; VDD = VDD_PHY = 1.8 V; VDD_IO = VAA = VDD_PLL = 2.8 V; TJ = 25°C unless otherwise stated)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
External Input Clock Frequency
6
54
MHz
fEXTCLK
External Clock Frequency
(Note 1)
6
54
MHz
DEXTCLK
External Input Clock Duty Cycle
40
50
60
%
tJITTER
External Input Clock Jitter
(Note 2)
500
ps
tPD
PIXCLK to Data Valid
2
5
ns
tPFH
PIXCLK to FV HIGH
2
5
ns
tPLH
PIXCLK to LV HIGH
2
5
ns
tPFL
PIXCLK to FV LOW
2
5
ns
tPLL
PIXCLK to LV LOW
2
5
ns
tCP
EXTCLK TO PIXCLK
Propagation Delay
tPIXCLK = PICXCLK Period
0.1 * tPIXCLK
ns
PIXCLK SLEW RATE
Slew = 4
VDD_IO = 2.8 V, PLL Bypass,
6 MHz EXTCLK, CLOAD = 35 pF
0.647
V/ns
VDD_IO = 1.8 V, PLL Bypass,
6 MHz EXTCLK, CLOAD = 35 pF
0.27
V/ns
OUTPUT SLEW RATE
Slew = 4
VDD_IO = 2.8 V, PLL Bypass,
6 MHz EXTCLK, CLOAD = 35 pF
0.229
V/ns
VDD_IO = 1.8 V, PLL Bypass,
6 MHz EXTCLK, CLOAD = 35 pF
0.112
V/ns
1. VIH/VIL restrictions apply.
2. Based on lab measurements. Could vary with noisier system-level electronics.
Figure 42. Parallel Pixel Bus Timing Diagram
EXTCLK
DOUT[7:0]
LINE_VALID/
FRAME_VALID
tCP
tF
tR
90%
90%
10%
10%
tEXTCLK
PIXCLK
Data
Data
Data
Data
Data
tPD
tPD
tPFL
tPLL
tPFH
tPLH
Notes:
1. FRAME_VALID leads LINE_VALID by 6 PIXCLKs.
2. FRAME_VALID trails LINE_VALID by 6 PIXCLKs.
3. DOUT[7:0], FRAME_VALID, and LINE_VALID are shown with respect to the falling edge of PIXCLK. This feature is programmable
and DOUT[7:0], FRAME_VALID, and LINE_VALID can be synchronized to the rising edge of PIXCLK.
4. Propagation delay is measured from 50% of rising and falling edges.
(Note 3)
(Note 2)
(Note 4)


유사한 부품 번호 - MT9M114_1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
More results

유사한 설명 - MT9M114_1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9D115 ONSEMI-MT9D115_17 Datasheet
353Kb / 48P
   System?륮n?륾?륝hip (SOC) CMOS Digital Image Sensor
January, 2017 ??Rev. 5
MT9D131 ONSEMI-MT9D131_16 Datasheet
615Kb / 102P
   System?륮n?륚?륝hip (SOC) CMOS Digital Image Sensor
November, 2016 ??Rev. 9
MT9V124 ONSEMI-MT9V124_17 Datasheet
420Kb / 27P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
September, 2017 ??Rev. 4
MT9V115 ONSEMI-MT9V115_17 Datasheet
650Kb / 36P
   1/13?륤nch System?륮n?륚?륝hip CMOS Digital Image Sensor
November, 2017 ??Rev. 6
MT9M114 ONSEMI-MT9M114_16 Datasheet
2Mb / 62P
   High-Definition (HD) System-On- A-Chip (SOC) Digital Image Sensor
Rev. 11, 2/16 EN
logo
Micron Technology
MT9V112 MICRON-MT9V112 Datasheet
834Kb / 58P
   SOC VGA DIGITAL IMAGE SENSOR
logo
ON Semiconductor
AS260 ONSEMI-AS260 Datasheet
1Mb / 45P
   High-Definition (HD) Digital Image Sensor
Rev. G Pub. 4/15 EN
AR0230 ONSEMI-AR0230 Datasheet
959Kb / 36P
   Full HD Digital Image Sensor
Rev. 8, Pub. 11/15 EN
MT9V115 ONSEMI-MT9V115 Datasheet
1Mb / 51P
   Inch System-On-A-Chip (SOC) CMOS Digital Image Sensor
Rev. E Pub. 5/15 EN
KAF-4320 ONSEMI-KAF-4320 Datasheet
791Kb / 25P
   Full HD Digital Image Sensor
April, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com