전자부품 데이터시트 검색엔진 |
|
MT9P006 데이터시트(PDF) 17 Page - ON Semiconductor |
|
MT9P006 데이터시트(HTML) 17 Page - ON Semiconductor |
17 / 33 page MT9P006 www.onsemi.com 17 Figure 19. Pixel Readout (Column Bin 2X) Figure 20. Pixel Readout (Column Bin 2X, Row Bin 2X) X incrementing X incrementing Mirror Column Mirror Image By setting R0x20[14] = 1, the readout order of the columns is reversed, as shown in Figure 21. The starting color, thus Bayer pattern, is preserved when mirroring the columns. Figure 21. Six Pixels in Normal and Column Mirror Readout Modes DOUT [11:0] LINE_VALID Normal readout G0 (11:0) R0 (11:0) G1 (11:0) R1 (11:0) G2 (11:0) R2 (11:0) DOUT[11:0] Reverse readout G2 (11:0) R2 (11:0) R1 (11:0) G1 (11:0) R0 (11:0) G0 (11:0) Row Mirror Image By setting R0x20[15] = 1, the readout order of the rows is reversed as shown in Figure 22. The starting color, thus Bayer pattern, is preserved when mirroring the rows. Figure 22. Six Pixels in Normal and Column Mirror Readout Modes DOUT [9:0] FRAME_VALID Normal readout Row0 (11:0) Row1 (11:0) Row2 (11:0) Row3 (11:0) Row4 (11:0) Row5 (11:0) DOUT[9:0] Reverse readout Row4 (11:0) Row5 (11:0) Row3 (11:0) Row2 (11:0) Row1 (11:0) Row0 (11:0) By default, active pixels in the resulting image are output in row-major order (an entire row is output before the next row is begun), from lowest row/column number to highest. If desired, the output (and sampling) order of the rows and columns can be reversed. This affects only pixels in the active region defined above, not any pixels read out as dark rows or dark columns. When the readout direction is reversed, the color order is reversed as well (red, green, red, and so on, instead of green, red, green, and so on, for example). |
유사한 부품 번호 - MT9P006_17 |
|
유사한 설명 - MT9P006_17 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |