전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MT9V032 데이터시트(PDF) 20 Page - ON Semiconductor

부품명 MT9V032
상세설명  1/3?륤nch Wide VGA CMOS Digital Image Sensor
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V032 데이터시트(HTML) 20 Page - ON Semiconductor

Back Button MT9V032_17 Datasheet HTML 16Page - ON Semiconductor MT9V032_17 Datasheet HTML 17Page - ON Semiconductor MT9V032_17 Datasheet HTML 18Page - ON Semiconductor MT9V032_17 Datasheet HTML 19Page - ON Semiconductor MT9V032_17 Datasheet HTML 20Page - ON Semiconductor MT9V032_17 Datasheet HTML 21Page - ON Semiconductor MT9V032_17 Datasheet HTML 22Page - ON Semiconductor MT9V032_17 Datasheet HTML 23Page - ON Semiconductor MT9V032_17 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 61 page
background image
MT9V032
www.onsemi.com
20
Shadowed Registers
Some sensor settings cannot be changed during frame
readout. For example, changing the register Window Width
(R0x04) part way through frame readout results in
inconsistent LINE_VALID behavior. To avoid this, the
MT9V032 double buffers many registers by implementing
a “pending” and a “live” version. Two−wire serial interface
reads and writes access the pending register. The live
register controls the sensor operation. The value in the
pending register is transferred to a live register at a fixed
point in the frame timing, called “frame−start.” Frame−start
is defined as the point at which the first dark row is read out.
By default, this occurs four row times before
FRAME_VALID goes HIGH. To determine which registers
or register fields are double−buffered in this way, see the
“Shadowed” column in Table 8.
Shadowed
N = No. The register value is updated and used
immediately.
Y = Yes. The register value is updated at next frame
start. Frame start is defined as when the first dark row
is read out. By default this is four rows before
FRAME_VALID goes HIGH.
Read/Write
R = Read−only register/bit.
W = Read/Write register/bit.
Table 8 provides a detailed description of the registers. Bit
fields that are not identified in the table are read only.
Table 8. REGISTER DESCRIPTIONS
Bit
Bit Name
Bit Description
Default
in Hex
(Dec)
Shad-
owed
Legal
Values
(Dec)
Read/
Write
0X00/0XFF (0/255) CHIP VERSION
15:0
Chip Version
Chip version—read−only
Iter. 1:
0x1311
(4881)
Iter. 2:
0x1311
(4881)
Iter. 3:
0x1313
(4883)
R
0X01 (1) COLUMN START
9:0
Column Start
The first column to be read out (not counting dark
columns that may be read). To window the image down, set
this register to the starting X value. Readable/active col-
umns are 1–752.
1
Y
1–752
W
0X02 (2) ROW START
8:0
Row Start
The first row to be read out (not counting any dark rows that
may be read). To window the image down, set this register
to the starting Y value. Setting a value less than four is not
recommended since the dark rows should be read using
R0x0D.
4
Y
4–482
W
0X03 (3) WINDOW HEIGHT
8:0
Window Height
Number of rows in the image to be read out (not counting
any dark rows or border rows that may be read).
1E0
(480)
Y
1–480
W
0X04 (4) WINDOW WIDTH
9:0
Window Width
Number of columns in image to be read out (not counting
any dark columns or border columns that may be read).
2F0
(752)
Y
1–752
W
0X05 (5) HORIZONTAL BLANKING
9:0
Horizontal Blanking
Number of blank columns in a row. Minimum horizontal
blanking is 43 columns.
05E
(94)
Y
43–1023
W
0X06 (6) VERTICAL BLANKING
14:0
Vertical Blanking
Number of blank rows in a frame. This number must be
equal to or larger than four.
002D
(45)
Y
4–3000
W
0X07 (7) CHIP CONTROL


유사한 부품 번호 - MT9V032_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9V032C12STC-DP ONSEMI-MT9V032C12STC-DP Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STC-DR ONSEMI-MT9V032C12STC-DR Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STC-TP ONSEMI-MT9V032C12STC-TP Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STCD-GEVK ONSEMI-MT9V032C12STCD-GEVK Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
MT9V032C12STCD3-GEVK ONSEMI-MT9V032C12STCD3-GEVK Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
More results

유사한 설명 - MT9V032_17

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MT9V022 ONSEMI-MT9V022_V01 Datasheet
880Kb / 39P
   MT9V022 1/3?륤nch Wide VGA CMOS Digital Image Sensor
October, 2018 ??Rev. 7
MT9V034 ONSEMI-MT9V034_17 Datasheet
500Kb / 43P
   1/3?륤nch Wide?륷GA CMOS Digital Image Sensor
January, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_17 Datasheet
430Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
December, 2017 ??Rev. 7
MT9V024 ONSEMI-MT9V024_V01 Datasheet
704Kb / 40P
   1/3-Inch Wide VGA CMOS Digital Image Sensor
August, 2019 ??Rev. 9
logo
Leopard Imaging Inc.
LI-V024M-MIPI-IPEX30 LEOPARD-LI-V024M-MIPI-IPEX30 Datasheet
1,004Kb / 6P
   Aptina 1/3 Wide-VGA CMOS Digital Image Sensor
logo
ON Semiconductor
MT9V024 ONSEMI-MT9V024 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9V022 ONSEMI-MT9V022 Datasheet
1Mb / 58P
   Wide-VGA CMOS Digital Image Sensor
Rev. L 6/15 EN
MT9V023 ONSEMI-MT9V023 Datasheet
1Mb / 59P
   Wide-VGA CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9V034 ONSEMI-MT9V034 Datasheet
1Mb / 62P
   Wide-VGA CMOS Digital Image Sensor
Rev.G Pub. 4/15 EN
MT9V032 ONSEMI-MT9V032 Datasheet
1Mb / 74P
   Inch Wide-VGA CMOS Digital Image Sensor
Rev. G 6/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com