전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PYTHON480 데이터시트(PDF) 46 Page - ON Semiconductor

부품명 PYTHON480
상세설명  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 데이터시트(HTML) 46 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 42Page - ON Semiconductor PYTHON480 Datasheet HTML 43Page - ON Semiconductor PYTHON480 Datasheet HTML 44Page - ON Semiconductor PYTHON480 Datasheet HTML 45Page - ON Semiconductor PYTHON480 Datasheet HTML 46Page - ON Semiconductor PYTHON480 Datasheet HTML 47Page - ON Semiconductor PYTHON480 Datasheet HTML 48Page - ON Semiconductor PYTHON480 Datasheet HTML 49Page - ON Semiconductor PYTHON480 Datasheet HTML 50Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
PYTHON 480
www.onsemi.com
46
REGISTER MAP
Table 33. REGISTER MAP
Address
Offset
Address
Bit Field
Register Name
Default
(Hex)
Default
Description
Type
Chip ID [Block Offset: 0]
0
0
chip_id
0x5004
20484
Chip ID
Status
[15:0]
id
0x5004
20484
Chip ID
1
1
reserved
0x0000
0
Reserved
Status
[3:0]
reserved
0x0
0
Reserved
[9:8]
Resolution
0x0
0
Chip Resolution
[11:10]
reserved
0x0
0
Reserved
2
2
chip_configuration
0x0000
0
Chip General Configuration
RW
[0]
color
0x0
0
Color/Monochrome Configuration
‘0’: Monochrome
‘1’: Color
[1]
reserved
0x0
0
Reserved
[15:2]
reserved
0x0
0
Reserved
Reset Generator [Block Offset: 8]
0
8
soft_reset_pll
0x0099
153
PLL Soft Reset Configuration
RW
[3:0]
pll_soft_reset
0x9
9
PLL Reset
0x9: Soft Reset State
others: Operational
[7:4]
pll_lock_soft_reset
0x9
9
PLL Lock Detect Reset
0x9: Soft Reset State
others: Operational
1
9
soft_reset_cgen
0x0009
9
Clock Generator Soft Reset
RW
[3:0]
cgen_soft_reset
0x9
9
Clock Generator Reset
0x9: Soft Reset State
others: Operational
2
10
soft_reset_analog
0x0999
2457
Analog Block Soft Reset
RW
[3:0]
mux_soft_reset
0x9
9
Column MUX Reset
0x9: Soft Reset State
others: Operational
[7:4]
afe_soft_reset
0x9
9
AFE Reset
0x9: Soft Reset State
others: Operational
[11:8]
ser_soft_reset
0x9
9
Serializer Reset
0x9: Soft Reset State
others: Operational
PLL [Block Offset: 16]
0
16
power_down
0x0004
4
PLL Configuration
RW
[0]
pwd_n
0x0
0
PLL Power Down
’0’: Power Down,
’1’: Operational
[1]
enable
0x0
0
PLL Enable
’0’: disabled,
’1’: enabled
[2]
bypass
0x1
1
PLL Bypass
’0’: PLL Active,
’1’: PLL Bypassed
1
17
reserved
0x2113
8467
Reserved
RW
[7:0]
reserved
0x13
19
Reserved
[12:8]
reserved
0x1
1
Reserved
[14:13]
reserved
0x1
1
Reserved


유사한 부품 번호 - PYTHON480

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

유사한 설명 - PYTHON480

제조업체부품명데이터시트상세설명
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com