전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PYTHON480 데이터시트(PDF) 24 Page - ON Semiconductor

부품명 PYTHON480
상세설명  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 데이터시트(HTML) 24 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 20Page - ON Semiconductor PYTHON480 Datasheet HTML 21Page - ON Semiconductor PYTHON480 Datasheet HTML 22Page - ON Semiconductor PYTHON480 Datasheet HTML 23Page - ON Semiconductor PYTHON480 Datasheet HTML 24Page - ON Semiconductor PYTHON480 Datasheet HTML 25Page - ON Semiconductor PYTHON480 Datasheet HTML 26Page - ON Semiconductor PYTHON480 Datasheet HTML 27Page - ON Semiconductor PYTHON480 Datasheet HTML 28Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
PYTHON 480
www.onsemi.com
24
Figure 20. reconfiguration Using Sync_configuration
Frame NFrame N+1 Frame N+2 Frame N+3 Frame N+4
Time Line
sync_configuration
SPI Registers
Active Registers
This configuration is not taken into
account as sync_register is inactive.
NOTE: SPI updates are not taken into account while sync_configuration is inactive. The active configuration is frozen
for the sensor. Table 17 lists the several sync_configuration possibilities along with the respective registers being
frozen.
Table 17. ALTERNATE SYNC CONFIGURATIONS
Group
Affected Registers
Description
sync_black_lines
black_lines
Update of black line configuration is not synchronized at start of frame when ‘0’.
The sensor continues with its previous configurations.
sync_dummy_lines
dummy_lines
Update of dummy line configuration is not synchronized at start of frame when ‘0’.
The sensor continues with its previous configurations.
sync_exposure
mult_timer
fr_length
exposure
Update of exposure configurations is not synchronized at start of frame when ‘0’.
The sensor continues with its previous configurations.
sync_gain
mux_gainsw
afe_gain
db_gain
Update of gain configurations is not synchronized at start of frame when ‘0’.
The sensor continues with its previous configurations.
sync_roi
roi_active0[3:0]
subsampling
Update of active ROI configurations is not synchronized at start of frame when ‘0’.
The sensor continues with its previous configurations.
Note: The window configurations themselves are not frozen. reconfiguration of
active windows is not gated by this setting.
Window Configuration
Up to 4 windows can be defined in global shutter mode
(pipelined or triggered). The windows are defined by
registers 256 to 265. Each window can be activated or
deactivated separately using register 195. It is possible to
reconfigure the inactive windows while the sensor is
acquiring images.
Switching between predefined windows is achieved by
activation of the respective windows. This way a minimum
number of registers need to be uploaded when it is necessary
to switch between two or more sets of windows. As an
example of this, scanning the scene at higher frame rates
using multiple windows and switching to full frame capture
when the object is tracked. Switching between the two
modes only requires an upload of one register.
Black Calibration
The sensor automatically calibrates the black level for
each frame. Therefore, the device generates a configurable
number of electrical black lines at the start of each frame.
The desired black level in the resulting output interface can
be configured and is not necessarily targeted to ‘0’.
Configuring the target to a higher level yields some
information on the left side of the black level distribution,
while the other end of the distribution tail is clipped to ‘0’
when setting the black level target to ‘0’.
The black level is calibrated for the 2 columns contained
in one kernel. This implies 2 black level offsets are generated
and applied to the corresponding columns. Configurable
parameters for the black−level algorithm are listed in
Table 18.


유사한 부품 번호 - PYTHON480

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

유사한 설명 - PYTHON480

제조업체부품명데이터시트상세설명
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com