전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PYTHON480 데이터시트(PDF) 28 Page - ON Semiconductor

부품명 PYTHON480
상세설명  Megapixel Global Shutter CMOS Image Sensor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PYTHON480 데이터시트(HTML) 28 Page - ON Semiconductor

Back Button PYTHON480 Datasheet HTML 24Page - ON Semiconductor PYTHON480 Datasheet HTML 25Page - ON Semiconductor PYTHON480 Datasheet HTML 26Page - ON Semiconductor PYTHON480 Datasheet HTML 27Page - ON Semiconductor PYTHON480 Datasheet HTML 28Page - ON Semiconductor PYTHON480 Datasheet HTML 29Page - ON Semiconductor PYTHON480 Datasheet HTML 30Page - ON Semiconductor PYTHON480 Datasheet HTML 31Page - ON Semiconductor PYTHON480 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
PYTHON 480
www.onsemi.com
28
Triggered Global Shutter (Master)
In master triggered global mode, the start of integration
time is controlled by a rising edge on the trigger0 pin. The
exposure or integration time is defined by the registers
exposure and mult_timer, as in the master pipelined global
mode. The fr_length configuration is not used. This
operation is graphically shown in Figure 23.
Figure 23. Exposure Time Control in Triggered Shutter Mode (Master)
Reset
Integrating
Reset
Integrating
Image Array Global Reset
Readout
FOT
FOT
FOT
FOT
FOT
FOT
exposure x mult_timer
Frame N
Frame N+1
Exposure State
(No effect on falling edge)
trigger0
=
ROT
=
Readout
=
Readout Dummy Line (blanked)
Notes:
The falling edge on the trigger pin does not have any
impact. Note however the trigger must be asserted for
at least 100 ns.
The start of the exposure time is synchronized to the
start of a new line (during ROT) if the exposure period
starts during a frame readout. As a consequence, the
effective time during which the image core is in a reset
state is extended to the start of a new line.
If the exposure timer expires before the end of readout,
the exposure time is extended until the end of the last
active line.
The trigger pin needs to be kept low during the FOT.
The monitor pins can be used as a feedback to the
FPGA/controller (eg. use monitor0, indicating the very
first line when monitor_select = 0x5 − a new trigger can
be initiated after a rising edge on monitor0).
Triggered Global Shutter (Slave)
Exposure or integration time is fully controlled by means
of the trigger pin in slave mode. The registers fr_length,
exposure and mult_timer are ignored by the sensor.
A rising edge on the trigger pin indicates the start of the
exposure time, while a falling edge initiates the transfer to
the pixel storage node and readout of the image array. In
other words, the high time of the trigger pin indicates the
integration time, the period of the trigger pin indicates the
frame time.
The use of the trigger during slave mode is shown in
Figure 24.
Notes:
The registers exposure, fr_length, and mult_timer are
not used in this mode.
The start of exposure time is synchronized to the start
of a new line (during ROT) if the exposure period starts
during a frame readout. As a consequence, the effective
time during which the image core is in a reset state is
extended to the start of a new line.
If the trigger is de−asserted before the end of readout,
the exposure time is extended until the end of the last
active line.
The trigger pin needs to be kept low during the FOT.
The monitor pins can be used as a feedback to the
FPGA/controller (eg. use monitor0, indicating the very
first line when monitor_select = 0x5 − a new trigger can
be initiated after a rising edge on monitor0).
Figure 24. Exposure Time Control in Global−Slave Mode
Reset
Integrating
Reset
Integrating
Image Array Global Reset
Readout
FOT
FOT
FOT
FOT
FOT
FOT
Frame N
Frame N+1
Exposure State
trigger0
= ROT
= Readout
= Readout Dummy Line (blanked)


유사한 부품 번호 - PYTHON480

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
PYTHON25K ONSEMI-PYTHON25K Datasheet
682Kb / 87P
   PYTHON 25K/16K/12K/10K Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
   CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
More results

유사한 설명 - PYTHON480

제조업체부품명데이터시트상세설명
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
   20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
NOIV1SN1300A ONSEMI-NOIV1SN1300A_16 Datasheet
768Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 10
logo
ams AG
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
   0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
logo
ON Semiconductor
NOIV1SE5000A ONSEMI-NOIV1SE5000A Datasheet
754Kb / 70P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SN1300A ONSEMI-NOIV1SN1300A Datasheet
760Kb / 76P
   VITA 1300 1.3 Megapixel 150 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 9
NOIV1SN5000A ONSEMI-NOIV1SN5000A Datasheet
772Kb / 71P
   VITA 5000 5.3 Megapixel 75 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 6
NOIV1SE2000A-QDC ONSEMI-NOIV1SE2000A-QDC Datasheet
808Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
June, 2013 ??Rev. 5
NOIV1SN2000A ONSEMI-NOIV1SN2000A Datasheet
814Kb / 77P
   VITA 2000 2.3 Megapixel 92 FPS Global Shutter CMOS Image Sensor
December, 2016 ??Rev. 6
logo
STMicroelectronics
VG5761 STMICROELECTRONICS-VG5761 Datasheet
2Mb / 5P
   Automotive 1.6 - 2.3 megapixel high-dynamic global shutter image sensor
November 2018 Rev 3
logo
ON Semiconductor
NOIP1SN1300A ONSEMI-NOIP1SN1300A Datasheet
101Kb / 2P
   PYTHON 0.3/0.5/1.3 Megapixel Global Shutter CMOS Image Sensors
October, 2014 ??Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com