전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL-LX2579GIW 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSL-LX2579GIW
상세설명  2x5mm RECTANGULAR LED, 565/627nm GREEN(GaP)/RED(GaAsP/GaP), MILKY WHITE DIFFUSED.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX2579GIW 데이터시트(HTML) 1 Page - LUMEX INC.

  SSL-LX2579GIW Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RED
GREEN
CATHODE
1
2
3
5.00
0.197
3- 0.70 max.
0.028 max.
3-
0.50
0.020
2.54
0.100
2.54
0.100
2.45
0.096
(2PL)
3-
0.90
0.035
ELECTRO-OPTICAL CHARACTERISTIC TA=25
ABSOLUTE MAXIMUM RATINGS TA=25
*1/10 DUTY CYCLE, 0.1MS PULSE WIDTH.
POLARITY
RECOMMENDED LAYOUT
NOTE:
RoHS COMPLIANT.
1.
1
2
**2mm BELOW PACKAGE BASE
3
PARAMETER
COLOR
MAX
UNITS
PEAK FORWARD CURRENT*
GREEN
140
mA
RED
160
FORWARD CURRENT
GREEN
25
mA
RED
30
REVERSE VOLTAGE
GREEN
5
V
RED
5
POWER DISSIPATION
GREEN
62.5
mW
RED
75
STORAGE TEMPERATURE
-40 TO +85
OPERATING TEMPERATURE
-40 TO +85
LEAD SOLDER TEMPERATURE**
3SEC MAX @260
PARAMETER
COLOR
MIN
TYP
MAX
UNITS
TEST COND
PEAK WAVELENGTH
GREEN
-
565
-
nm
If=20mA
RED
627
FORWARD VOLTAGE
GREEN
2.2
2.5
Vf
If=20mA
RED
-
2.0
2.5
REVERSE CURRENT
GREEN
-
-
10
uA
VR=5V
RED
-
-
10
LUMINOUS INTENSITY
GREEN
4
10
-
mcd
If=20mA
RED
5
12
-
VIEWING ANGLE
-
140
-
2x theta1/2
-
EMITTED COLOR
GREEN/RED
EPOXY LENS FINISH
WHITE DIFFUSED
SCALE :
mm [INCH]
DATE:
DRAWN BY:
425 N. GARY AVE.
CAROL STREAM, IL 60188
PHONE:800-278-5666
FAX:630-315-2150
WEB:WWW.LUMEX.COM
2x5mm RECTANGULAR LED, 565/627nm GREEN(GaP)/RED(GaAsP/GaP), MILKY WHITE DIFFUSED.
**THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT.**
CONFIDENTIAL INFORMATION
THE INFORMATION CONTAINED IN THIS DOCUMENT IS THE PROPERTY OF LUMEX INC. EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY LUMEX INC., THE HOLDER OF THIS DOCUMENT SHALL
KEEP ALL INFORMATION CONTAINED HEREIN CONFIDENTIAL AND SHALL PROTECT SAME IN WHOLE OR IN PART FROM DISCLOSURE AND DISSEMINATION TO ALL THIRD PARTIES.
CHKD BY:
APRVD BY:
PAGE:
UNIT:
*UNLESS OTHERWISE SPECIFIED TOLERANCES PER DECIMAL PRECISION ARE: X=±1 (±0.039), X.X=±0.5 (±0.020), X.XX=±0.25 (±0.010), X.XXX=±0.127 (±0.005). LEAD SIZE=±0.05 (±0.002), LEAD LENGTH=±0.75 (±0.030). MIN=
MAX.=
+DECIMAL PRECISION
-0.00
+0.00
-DECIMAL PRECISION
NTF
Pb
PART NUMBER
REV
SSL-LX2579GIW
B
2017.10.25
1 OF 1
K.Y.
E.C.
G.Y.
REV
E.C.N. NUMBER AND REVISION COMMENTS
A
DATE
03.08.12
E.C.N. #10BRDR. & REDRAWN
10.25.17
ECN-Lumex201700096
B


유사한 부품 번호 - SSL-LX2579GIW

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LX2579IGW LUMEX-SSL-LX2579IGW Datasheet
91Kb / 1P
   2mm X 5mm Rectangular LED
SSL-LX2579SISUGWCA LUMEX-SSL-LX2579SISUGWCA Datasheet
90Kb / 1P
   SUPER INTENSITY
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
   2mm X 5mm Rectangular LED
SSL-LX2579YGW LUMEX-SSL-LX2579YGW Datasheet
91Kb / 1P
   2mm X 5mm Rectangular LED
More results

유사한 설명 - SSL-LX2579GIW

제조업체부품명데이터시트상세설명
logo
OSA Opto Light GmbH
180622 OSA-180622 Datasheet
54Kb / 1P
   GaAsP / GaP LED Chips
190210 OSA-190210 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170220 OSA-170220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170210 OSA-170210 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
170622 OSA-170622 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
180220 OSA-180220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
190220 OSA-190220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
logo
BRIGHT LED ELECTRONICS ...
BL-R513P_V2 BRIGHT-BL-R513P_V2 Datasheet
139Kb / 2P
   GaP /GaP Bright Red Red Diffused Low power consumption
logo
OSA Opto Light GmbH
190622 OSA-190622 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
192220 OSA-192220 Datasheet
53Kb / 1P
   GaAsP / GaP LED Chips
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com