전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL-LX30448SIC 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSL-LX30448SIC
상세설명  T-7.6 X 7.6mm LED SUPER HIGH INTENSITY LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX30448SIC 데이터시트(HTML) 1 Page - LUMEX INC.

  SSL-LX30448SIC Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSL-LX30448SIC

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LX30448SRC LUMEX-SSL-LX30448SRC Datasheet
76Kb / 1P
   T-7.6 X 7.6mm LED
SSL-LX30448SYC LUMEX-SSL-LX30448SYC Datasheet
55Kb / 1P
   T-7.6 X 7.6mm LED SUPER YELLOW LED
More results

유사한 설명 - SSL-LX30448SIC

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LX30448SYC LUMEX-SSL-LX30448SYC Datasheet
55Kb / 1P
   T-7.6 X 7.6mm LED SUPER YELLOW LED
SSL-LX30448SRC LUMEX-SSL-LX30448SRC Datasheet
76Kb / 1P
   T-7.6 X 7.6mm LED
SSL-LX30448UWC LUMEX-SSL-LX30448UWC Datasheet
125Kb / 1P
   T-7.6 X 7.6mm LED
SSL-LX50448SIC LUMEX-SSL-LX50448SIC Datasheet
63Kb / 1P
   7.6 X 7.6mm LED, ALLGap RED LED
SSL-LX50448SYC LUMEX-SSL-LX50448SYC Datasheet
63Kb / 1P
   7.6 X 7.6mm LED, AllGap YELLOW LED
logo
Kingbright Corporation
L-7676CSYC-H KINGBRIGHT-L-7676CSYC-H Datasheet
92Kb / 3P
   7.6mm X 7.6mm SUPER FLUX LED LAMP
WP76761CSEC-J KINGBRIGHT-WP76761CSEC-J Datasheet
133Kb / 4P
   7.6mm x 7.6mm SUPER FLUX LED LAMP
L-7676CSEC-H KINGBRIGHT-L-7676CSEC-H Datasheet
85Kb / 3P
   7.6mm X 7.6mm SUPER FLUX LED LAMP
WP76761CSEC-E KINGBRIGHT-WP76761CSEC-E Datasheet
80Kb / 3P
   7.6mm x 7.6mm SUPER FLUX LED LAMP
logo
LUMEX INC.
SSL-LX3054SIC LUMEX-SSL-LX3054SIC Datasheet
50Kb / 1P
   T-3mm 636mm SUPER HIGH INTENSITY LED
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com