전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5392BST-5-REEL 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD5392BST-5-REEL
상세설명  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5392BST-5-REEL 데이터시트(HTML) 3 Page - Analog Devices

  AD5392BST-5-REEL Datasheet HTML 1Page - Analog Devices AD5392BST-5-REEL Datasheet HTML 2Page - Analog Devices AD5392BST-5-REEL Datasheet HTML 3Page - Analog Devices AD5392BST-5-REEL Datasheet HTML 4Page - Analog Devices AD5392BST-5-REEL Datasheet HTML 5Page - Analog Devices AD5392BST-5-REEL Datasheet HTML 6Page - Analog Devices AD5392BST-5-REEL Datasheet HTML 7Page - Analog Devices AD5392BST-5-REEL Datasheet HTML 8Page - Analog Devices AD5392BST-5-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
AD5390/AD5391/AD5392
Rev. A | Page 3 of 44
GENERAL DESCRIPTION
The AD5390/AD5391 are complete single-supply, 16-channel,
14-bit and 12-bit DACs, respectively. The AD5392 is a complete
single-supply, 8-channel, 14-bit DAC. Devices are available both
in 64-lead LFCSP and 52-lead LQFP packages. All channels
have an on-chip output amplifier with rail-to-rail operation. All
devices include an internal 1.25/2.5 V, 10 ppm/°C reference, an
on-chip channel monitor function that multiplexes the analog
outputs to a common MON_OUT pin for external monitoring,
and an output amplifier boost mode that optimizes the output
amplifier slew rate.
The AD5390/AD5391/AD5392 contain a 3-wire serial interface
with interface speeds in excess of 30 MHz that are compatible
with SPI, QSPI, MICROWIRE, and DSP interface standards
and an I2C-compatible interface supporting a 400 kHz data
transfer rate.
An input register followed by a DAC register provides double-
buffering, allowing DAC outputs to be updated independently
or simultaneously using the LDAC input. Each channel has a
programmable gain and offset adjust register, letting the user
fully calibrate any DAC channel.
Power consumption is typically 0.25 mA per channel.
Table 1. Additional High Channel Count, Low Voltage, Single-Supply DACs in Portfolio
Model
Resolution
AVDD Range
Output
Channels
Linearity
Error (LSB)
Package Description
Package Option
AD5380BST-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead LQFP
ST-100
AD5380BST-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead LQFP
ST-100
AD5384BBC-5
14 Bits
4.5 V to 5.5 V
40
±4
100-Lead CSPBGA
BC-100
AD5384BBC-3
14 Bits
2.7 V to 3.6 V
40
±4
100-Lead CSPBGA
BC-100
AD5381BST-5
12 Bits
4.5 V to 5.5 V
40
±1
100-Lead LQFP
ST-100
AD5381BST-3
12 Bits
2.7 V to 3.6 V
40
±1
100-Lead LQFP
ST-100
AD5382BST-5
14 Bits
4.5 V to 5.5 V
32
±4
100-Lead LQFP
ST-100
AD5382BST-3
14 Bits
2.7 V to 3.6 V
32
±4
100-Lead LQFP
ST-100
AD5383BST-5
12 Bits
4.5 V to 5.5 V
32
±1
100-Lead LQFP
ST-100
AD5383BST-3
12 Bits
2.7 V to 3.6 V
32
±1
100-Lead LQFP
ST-100


유사한 부품 번호 - AD5392BST-5-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5392BST-5 AD-AD5392BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BST-5 AD-AD5392BST-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

유사한 설명 - AD5392BST-5-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com