전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC640-16 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 BC640-16
상세설명  High Current Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC640-16 데이터시트(HTML) 3 Page - ON Semiconductor

  BC640-16 Datasheet HTML 1Page - ON Semiconductor BC640-16 Datasheet HTML 2Page - ON Semiconductor BC640-16 Datasheet HTML 3Page - ON Semiconductor BC640-16 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BC636, BC636–16, BC638, BC640, BC640–16
http://onsemi.com
3
-1000
-1
-2
-5
-10
-20
-50
-100
-200
-500
-100
-1
-2 -3 -4 -5 -7 -10
-20 -30-40 -50 -70
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 1. Active Region Safe Operating Area
BC636
BC638
BC640
PD TA 25°C
PD TC 25°C
SOA = 1S
PD TC 25°C
PD TA 25°C
500
200
100
50
20
-1
-3 -5
-10
-30 -50 -100
-300 -500 -1000
IC, COLLECTOR CURRENT (mA)
Figure 2. DC Current Gain
VCE = -2 V
500
300
100
50
20
-1
-10
-100
-1000
IC, COLLECTOR CURRENT (mA)
Figure 3. Current Gain Bandwidth Product
-1
-0.8
-0.6
-0.4
-0.2
0
-1
-10
IC, COLLECTOR CURRENT (mA)
Figure 4. “Saturation” and “On” Voltages
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = -2 V
VCE(sat) @ IC/IB = 10
-0.2
-1.0
-2.2
-1.6
IC, COLLECTOR CURRENT (mA)
Figure 5. Temperature Coefficients
VCE = -2 VOLTS
∆T = 0°C to +100°C
θV for VBE
-A
-B
-L
VCE = -2 V
-100
-1000
-1
-3 -5
-10
-30 -50 -100
-300 -500 -1000


유사한 부품 번호 - BC640-16

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC640-16 PHILIPS-BC640-16 Datasheet
43Kb / 8P
   PNP medium power transistors
1999 Apr 23
logo
ON Semiconductor
BC640-16 ONSEMI-BC640-16 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC640-16G ONSEMI-BC640-16G Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
More results

유사한 설명 - BC640-16

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC490 MOTOROLA-BC490 Datasheet
249Kb / 6P
   High Current Transistors
logo
ON Semiconductor
BC637 ONSEMI-BC637 Datasheet
66Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC637 ONSEMI-BC637_11 Datasheet
98Kb / 4P
   High Current Transistors
February, 2011 ??Rev. 1
logo
Motorola, Inc
BC635 MOTOROLA-BC635 Datasheet
116Kb / 4P
   High Current Transistors
BC636 MOTOROLA-BC636 Datasheet
116Kb / 4P
   High Current Transistors
logo
ON Semiconductor
BC490 ONSEMI-BC490_07 Datasheet
84Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
BC640-016G ONSEMI-BC640-016G Datasheet
94Kb / 4P
   High Current Transistors
June, 2011 ??Rev. 1
BC640 ONSEMI-BC640 Datasheet
65Kb / 4P
   High Current Transistors
March, 2007 ??Rev. 0
BC490G ONSEMI-BC490G Datasheet
74Kb / 6P
   High Current Transistors
March, 2007 ??Rev. 3
logo
Motorola, Inc
BC489 MOTOROLA-BC489 Datasheet
235Kb / 6P
   High Current Transistors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com