전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL-LX3052YD 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSL-LX3052YD
상세설명  T-3mm 585mm YELLOW DIFFUSED LENS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX3052YD 데이터시트(HTML) 1 Page - LUMEX INC.

  SSL-LX3052YD Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSL-LX3052YD

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SSL-LX3052GD TI1-SSL-LX3052GD Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
logo
LUMEX INC.
SSL-LX3052HD LUMEX-SSL-LX3052HD Datasheet
95Kb / 1P
   T-3 LEDm 700mm RED DIFFUSED LENS
SSL-LX3052ID LUMEX-SSL-LX3052ID Datasheet
45Kb / 1P
   T-3 (T-1) LED, RED DIFUSED
More results

유사한 설명 - SSL-LX3052YD

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LX3044YD LUMEX-SSL-LX3044YD Datasheet
53Kb / 1P
   T-3MM (T-1) 585MM YELLOW LED TELLOW DIFFUSED LENS
SSI-LXR1612YD LUMEX-SSI-LXR1612YD Datasheet
58Kb / 1P
   T-3MM (T-1) 585MM YELLOW LED TELLOW DIFFUSED LENS
SSL-LX509F3YD-5V LUMEX-SSL-LX509F3YD-5V Datasheet
63Kb / 1P
   T-5mm LED, 585mm YELLOW, YELLOW DIFFUSED LENS
SSL-LX3064LYD LUMEX-SSL-LX3064LYD Datasheet
68Kb / 1P
   T-3mm 590nm YELLOW LED, YELLOW DIFFUSED LENS
SSL-LX3034YD LUMEX-SSL-LX3034YD Datasheet
78Kb / 1P
   T-3mm 585mm YELLOW LED
SSL-LX305C4YD LUMEX-SSL-LX305C4YD Datasheet
49Kb / 1P
   T-3mm 585mm Yellow LED
SSL-LX305F4LYD LUMEX-SSL-LX305F4LYD Datasheet
51Kb / 1P
   T-3mm 585mm Yellow LED
SSL-LX305F4YC LUMEX-SSL-LX305F4YC Datasheet
50Kb / 1P
   T-3mm 585mm Yellow LED
SSL-LX3064YD LUMEX-SSL-LX3064YD Datasheet
52Kb / 1P
   T-3mm 585mm YELLOW LED
SSL-LX3044LYD LUMEX-SSL-LX3044LYD Datasheet
54Kb / 1P
   T-3mm 585mm YELLOW LED
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com