전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL-LX3054BGD 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSL-LX3054BGD
상세설명  T-1 Green BLINKING LED, GREEN DIFFUSED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX3054BGD 데이터시트(HTML) 1 Page - LUMEX INC.

  SSL-LX3054BGD Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSL-LX3054BGD

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LX3054BAD LUMEX-SSL-LX3054BAD Datasheet
50Kb / 1P
   T-3mm 610mm BLINKING AMBER LED
SSL-LX3054BID LUMEX-SSL-LX3054BID Datasheet
52Kb / 1P
   T-3mm 635mm BLINKING AMBER LED
More results

유사한 설명 - SSL-LX3054BGD

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LX5093BGD LUMEX-SSL-LX5093BGD Datasheet
69Kb / 1P
   QUASARBRITE T-5mm (T-1 3/4) BLINKING 565nm GREEN LED, GREEN DIFFUSED
logo
List of Unclassifed Man...
SSL-LX3044GD ETC1-SSL-LX3044GD Datasheet
49Kb / 1P
   T-3mm 565nm GREEN LED, GREEN DIFFUSED LENS
logo
Kingbright Corporation
WP36BYD KINGBRIGHT-WP36BYD Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
logo
LUMEX INC.
SSL-LX5093BID LUMEX-SSL-LX5093BID Datasheet
68Kb / 1P
   QUASARBRITE T-55mm (T-1 3/4) BLINKING 635nm RED LED, RED DIFFUSED
SSL-LX5093BYD LUMEX-SSL-LX5093BYD Datasheet
68Kb / 1P
   QUASARBRITE T-5mm (T-1 3/4) BLINKING 585nm YELLOW LED, YELLOW DIFFUSED
logo
SunLED Corporation
BMR34D SUNLED-BMR34D Datasheet
180Kb / 4P
   T-1 (3mm) BLINKING LED LAMP
BUY34D SUNLED-BUY34D Datasheet
180Kb / 4P
   T-1 (3mm) BLINKING LED LAMP
logo
Kingbright Corporation
L-36BID KINGBRIGHT-L-36BID Datasheet
55Kb / 3P
   T-1 (3mm) BLINKING LED LAMP
WP36BGD KINGBRIGHT-WP36BGD Datasheet
390Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
WP36BID KINGBRIGHT-WP36BID Datasheet
391Kb / 6P
   T-1 (3mm) BLINKING LED LAMP
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com