전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

DAC7617 데이터시트(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
부품명 DAC7617
부품 상세설명  Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7617 데이터시트(HTML) 2 Page - Burr-Brown (TI)

  DAC7617 Datasheet HTML 1Page - Burr-Brown (TI) DAC7617 Datasheet HTML 2Page - Burr-Brown (TI) DAC7617 Datasheet HTML 3Page - Burr-Brown (TI) DAC7617 Datasheet HTML 4Page - Burr-Brown (TI) DAC7617 Datasheet HTML 5Page - Burr-Brown (TI) DAC7617 Datasheet HTML 6Page - Burr-Brown (TI) DAC7617 Datasheet HTML 7Page - Burr-Brown (TI) DAC7617 Datasheet HTML 8Page - Burr-Brown (TI) DAC7617 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
DAC7617
SBAS185
SPECIFICATIONS
At TA = –40°C to +85°C, VDD = +3V, VREFH = +1.25V, and VREFL = 0V, unless otherwise noted.
T Specification same as DAC7617E, U.
NOTES: (1) Specification applies at code 00AH and above. (2) LSB means Least Significant Bit, with VREFH equal to +1.25V and VREFL equal to 0V, one LSB
is 0.305mV. (3) All DAC outputs will match within the specified error band. (4) Ideal output voltage does not take into account zero or full-scale error.
DAC7617E, U
DAC7617EB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error(1)
±2
±1
LSB(2)
Linearity Matching(3)
±2
±1
LSB
Differential Linearity Error
±1
±1
LSB
Monotonicity
12
T
Bits
Zero-Scale Error
Code = 00AH
±2.4
T
mV
Zero-Scale Drift
510
TT
ppm/
°C
Zero-Scale Matching(3)
±1
±2
T
±1.2
mV
Full-Scale Error
Code = FFFH
±2.4
T
mV
Full-Scale Matching(3)
±1
±2
T
±1.2
mV
Power Supply Rejection
30
T
ppm/V
ANALOG OUTPUT
Voltage Output(4)
VREFL
VREFH
TT
V
Output Current
–625
+625
TT
µA
Load Capacitance
No Oscillation
100
T
pF
Short-Circuit Current
+8, –2
T
mA
Short-Circuit Duration
Indefinite
T
REFERENCE INPUT
VREFH Input Range
0
+1.25
TT
V
VREFL Input Range
0
T
V
DYNAMIC PERFORMANCE
Settling Time
To
±0.012%
5
10
TT
µs
Channel-to-Channel Crosstalk
Full-Scale Step
0.1
T
LSB
On Any Other DAC
Output Noise Voltage
Bandwidth: 0Hz to 1MHz
65
T
nV/
√Hz
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels
VIH
| IIH | ≤ 10µAVDD • 0.7
VDD
TT
V
VIL
| IIL | ≤ 10µA
–0.3
VDD • 0.3
TT
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VDD
3.0
3.3
3.6
TT
T
V
IDD
0.8
1
TT
mA
Power Dissipation
2.4
3
TT
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn