전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB1N-D520 데이터시트(PDF) 3 Page - Roithner LaserTechnik GmbH

부품명 SMB1N-D520
상세설명  Green High Power LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROITHNER [Roithner LaserTechnik GmbH]
홈페이지  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

SMB1N-D520 데이터시트(HTML) 3 Page - Roithner LaserTechnik GmbH

  SMB1N-D520 Datasheet HTML 1Page - Roithner LaserTechnik GmbH SMB1N-D520 Datasheet HTML 2Page - Roithner LaserTechnik GmbH SMB1N-D520 Datasheet HTML 3Page - Roithner LaserTechnik GmbH SMB1N-D520 Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.roithner-laser.com
3
Outline Dimensions
All Dimensions in mm
Peak Wavelength vs. Ambient Temperature
Relative Spectral Emission
Ambient Temperature [°C]
Wavelength [nm]
Radiation Characteristics
Radiation Characteristics
Relative Radiant Intensity (A.U.)
Angle [edg.]
SMB1N
flat
Lead
Description
Pin a1
LED Anode
Pin c1
LED Cathode


유사한 부품 번호 - SMB1N-D520

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
SMB1N-D520-02 ROITHNER-SMB1N-D520-02 Datasheet
689Kb / 4P
   green high power led
More results

유사한 설명 - SMB1N-D520

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
PPG01NBT-C0 UTC-PPG01NBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-525V-02 ROITHNER-SMB1N-525V-02 Datasheet
712Kb / 4P
   green high power led
SMB1N-D520-02 ROITHNER-SMB1N-D520-02 Datasheet
689Kb / 4P
   green high power led
logo
Unisonic Technologies
PPG01BBT-C0 UTC-PPG01BBT-C0 Datasheet
136Kb / 4P
   GREEN HIGH POWER LED
logo
Roithner LaserTechnik G...
SMB1N-525V ROITHNER-SMB1N-525V Datasheet
736Kb / 4P
   green high power led
SMB1N-515V ROITHNER-SMB1N-515V Datasheet
668Kb / 4P
   green high power led
SMB1N-515V-02 ROITHNER-SMB1N-515V-02 Datasheet
863Kb / 4P
   green high power led
logo
Luminus, Inc
SST-10-G LUMINUS-SST-10-G Datasheet
1Mb / 13P
   Green LED High Power Green LED with Peak Wavelength of 530nm
logo
List of Unclassifed Man...
SML-LX1610UPGCA ETC2-SML-LX1610UPGCA Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
logo
LUMEX INC.
SML-LX1610UPGC LUMEX-SML-LX1610UPGC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED, 525nm GREEN LED
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com