전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA0942B 데이터시트(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA0942B
상세설명  SAW Filter 159.0125 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0942B 데이터시트(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0942B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0942B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0942B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0942B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0942B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0942B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 159.0125 MHz
MODEL NO.: TA0942B
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 20 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40
C to +85C
4.Storage Temperature: -40
C to +85C
B. ELECTRICAL CHARACTERISTICS:
Item
Specification
Unit
Min.
Typ.
Max.
Center Frequency
Fc
MHz
-
159.0125
-
Insertion Loss
ILmin (reference level)
dB
-
1.85
2.8
Bandwidth
BW-3dB
MHz
6.025
8.2
-
Absolute Attenuation(reference to ILmindB)
Fc
-50 ~ Fc-30
MHz
dB
42
57
-
Fc
-30 ~ Fc-15
MHz
dB
36
43
-
Fc+30 ~ Fc+50
MHz
dB
42
57
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the mean value of
the upper and lower frequencies at the 3dB filter attenuation level relative to the ILmin.
MEASUREMENT CIRCUIT:

HP Network analyzer

SAW Filter
7
2
1,3,4,5,6,8,9,10
G
B
A,C,D,E,F,H,J,K
RoHS Compliant
Lead free
Lead-free soldering


유사한 부품 번호 - TA0942B

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0942A TAI-SAW-TA0942A Datasheet
634Kb / 6P
   SAW Filter 159.0125 MHz
logo
Golledge Electronics Lt...
TA0942A GOLLEDGE-TA0942A Datasheet
187Kb / 5P
   159.01250MHz SAW Filter
More results

유사한 설명 - TA0942B

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TA0942A TAI-SAW-TA0942A Datasheet
634Kb / 6P
   SAW Filter 159.0125 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com