전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP786.5-2 데이터시트(PDF) 2 Page - Toppower Electronic Technology Limited

부품명 TP786.5-2
상세설명  Wide Input Non-Isolated & Regulated Single Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOPPOWER [Toppower Electronic Technology Limited]
홈페이지  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP786.5-2 데이터시트(HTML) 2 Page - Toppower Electronic Technology Limited

  TP786.5-2 Datasheet HTML 1Page - Toppower Electronic Technology Limited TP786.5-2 Datasheet HTML 2Page - Toppower Electronic Technology Limited TP786.5-2 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TP78xx-2 Series
www.gztoppower.com
TEL:020-61038836 EMAIL:sales@gztoppower.com
page 2 of 3
TEMPERATURE DERATING GRAPHS
EXTERNAL CAPACITOR TABLE
Part Number
C1(Ceramic Capacitor)
C2(Ceramic Capacitor)
TP781.5-2
10μF/25V
22μF/6.3V
TP781.8-2
10μF/25V
22μF/6.3V
TP782.5-2
10μF/25V
22μF/6.3V
TP783.3-2
10μF/25V
22μF/6.3V
TP785.0-2
10μF/25V
22μF/16V
TP786.5-2
10μF/25V
22μF/16V
STANDARD APPLICATION CIRCUIT
Note:
1. C1 and C2 are required and should be fitted close to the converter pins.
2. The capacitance of C1,C2 sees external capacitor table, it can be increased properly if required, and tantalum or low ESR electrolytic capacitors may also suffice.
3. No parallel connection or plug and play.
TEST CONFIGURATIONS(TA=25℃)
1.Efficiency and Output Voltage Ripple Test
2.
2.Start-up and Load Transient Response Test
TP78XX-2
25.4 mm
25.4 mm
12.7 mm
DC/DC Converter
1
2
3
+Vin
GND
Ceramic Tantalum
Scope
Load
25.4 mm
C1
C2
Copper strip
Copper strip
+Vout
1uF
1uF
DC/DC Converter
1
2
3
+Vin
GND
Scope
Load
25.4 mm
C1
C2
Copper strip
50.8 mm
+Vout
Copper strip


유사한 부품 번호 - TP786.5-2

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TP786.5-2 TOPPOWER-TP786.5-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP786.5-2 TOPPOWER-TP786.5-2 Datasheet
777Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
More results

유사한 설명 - TP786.5-2

제조업체부품명데이터시트상세설명
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7805M-1000 MORNSUN-K7805M-1000 Datasheet
317Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5 TOPPOWER-TP78L1.5 Datasheet
299Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com