전자부품 데이터시트 검색엔진 |
|
SLX-2043 데이터시트(PDF) 1 Page - Stanford Microdevices |
|
SLX-2043 데이터시트(HTML) 1 Page - Stanford Microdevices |
1 / 5 page The information provided herein is believed to be reliable at press time. Stanford Microdevices assumes no responsibility for inaccuracies or ommisions. Stanford Microdevices assumes no responsibility for the use of this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. Stanford Microdevices does not authorize or warrant any Stanford Microdevices product for use in life-support devices and/or systems. Copyright 2000 Stanford Microdevices, Inc. All worldwide rights reserved. 522 Almanor Ave., Sunnyvale, CA 94086 Phone: (800) SMI-MMIC http://www.stanfordmicro.com 1 03/28/01 rev 8.0 Advanced Data Sheet The Stanford Microdevices’ SLX-2043 is a low noise ampli- fier module operating in the 1700 - 2500 MHz frequency band. This device has been optimized to serve high linear- ity basestation applications where a high intercept point is required with low noise figure. The SLX-2043 uses PHEMT device technology, internal bias circuitry, and proven ceramic module technology to yield a high performance product with proven reliability. Internal RF matching is also included on both the input and output to provide an easy to implement, unconditionally stable, 50 ohm circuit block. Key Specifications Symbol Parameters Test Conditions (ZO=50Ω, T=25ºC, VD=4V) Unit Min. Typ. Max. Frequency Range MHz 1700 2500 IIP3 Input Third Order Intercept Point Power out per tone = 6dBm dBm +19 OIP3 Third Order Intercept Point Power out per tone = 6dBm dBm +34 NF Noise Figure dB 1.1 1.2 S21 Small Signal Gain dB 15 P1dB Output Power @ 1dB Compression dBm 20 S11 Input VSWR — 1.8:1 S22 Output VSWR — 1.8:1 VD Device Voltage V +3.5 +4.0 +4.5 ID Device Current mA 90 105 120 Rthj-c Thermal Resistance (junction-case) ºC/W 60 Noise Figure SLX-2043 1700-2500 MHz High Linearity Low Noise Amplifier Module Product Features Applications • NF = 1.1dB • IIP 3 = +19dBm • Gain = 15dB • 50 Ω input/output match • Single supply operation • PCS, TDMA, CDMA, WCDMA receivers Product Description 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5 Frequency (GHz) |
유사한 부품 번호 - SLX-2043 |
|
유사한 설명 - SLX-2043 |